PART |
Description |
Maker |
TE28F320S3-100 TE28F320S3-120 TE28F160S3-100 TE28F |
WORD-WIDE FlashFile MEMORY FAMILY
|
INTEL[Intel Corporation]
|
X28HC256P-12 X28HC256P-15 X28HC256J-90 X28HC256S-1 |
5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 150 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 120 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CQCC32 SWITCH SLIDE 2MM HORIZONTAL SMD 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDIP28 RACK DESK SOLID BLACK 1.75X19X8,1 32K X 8 EEPROM 5V, 70 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CPGA28 Continuity Tester RoHS Compliant: NA 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDFP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CQCC32 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk
|
Intersil, Corp. Intersil Corporation
|
DD28F032SA DD28F032SA-080 DD28F032SA-070 DD28F032S |
32-MBIT (2 MBIT X 16/ 4 MBIT X 8) FlashFile MEMORY 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFileMEMORY 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY 4M X 8 FLASH 12V PROM, 100 ns, PDSO56
|
Intel Corporation Intel Corp. PROM Intel, Corp.
|
WM2613 WM2613IDT WM2613CDT |
BYTE-WIDE PARALLEL INPUT, 12-BIT VOLTAGE OUTPUT DAC From old datasheet system
|
WOLFSON[Wolfson Microelectronics plc]
|
TE28F160B3B120 TE28F160B3-B120 TE28F160B3B150 TE28 |
SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
|
INTEL[Intel Corporation]
|
P89LPC970FDH P89LPC972FDH P89LPC972FN P89LPC970 |
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
|
NXP Semiconductors
|
ATTINY15L ATTINY15L-1PC ATTINY15L-1PI ATTINY15L-1S |
8-bit AVR Microcontroller with 1K Byte Flash 1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 1.6 MIPS throughput at 1.6 MHz. 3-volt operation
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
WM2633 WM2633IDT |
Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference BOX 6.88X4.88X1.51 9V GRY 字节宽并行输入,12位电压输出DAC,带有内部参
|
Wolfson Microelectronic... Wolfson Microelectronics PLC
|
LC87F7932B |
32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F7H32A |
32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
|